Part Number Hot Search : 
74HC4094 18TRC9 35507 SF17SG C3851 3F334EL SMDA12C BTS5210L
Product Description
Full Text Search
 

To Download 1N5617GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1N5615GP THRU 1N5623GP
GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
Reverse Voltage - 200 to 1000 Volts
D *
DO-204AC
Forward Current - 1.0 Ampere
FEATURES
Plastic package has Underwriters Laboratory Flammability Classification 94V-0 High temperature metallurgically bonded construction Glass passivated cavity-free junction Capable of meeting environmental standards of MIL-S-19500 Fast switching for high efficiency 1.0 Ampere operation at TA=55C with no thermal runaway High temperature soldering guaranteed: 350C/10seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension
N
T
E
0.034 (0.86) 1.0 (25.4) MIN. 0.028 (0.71) DIA.
P A T
E
0.300 (7.6) 0.230 (5.8)
0.140 (3.6) 0.104 (2.6) DIA. 1.0 (25.4) MIN.
Dimensions in inches and (millimeters)
*Glass-plastic encapsulation technique is covered by
Patent No. 3,996,602 and brazed-lead assembly by Patent No. 3,930,306
(R)
MECHANICAL DATA
Case: JEDEC DO-204AC molded plastic over glass body Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.015 ounce, 0.4 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOLS
1N 5615GP
1N 5617GP
1N 5619GP
1N 5621GP
1N 5623GP
UNITS
* Maximum repetitive peak reverse voltage * Maximum RMS voltage * Maximum DC blocking voltage * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA=55C * Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 1.0A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 2) Typical thermal resistance (NOTE 3) * Operating junction and storage temperature range TA=25C TA=100C
VRRM VRMS VDC I(AV)
200 140 200
400 280 400
600 420 600 1.0
800 560 800
1000 700 1000
Volts Volts Amps Amp
IFSM VF IR trr CJ RJA TJ,TSTG 150
50.0 1.2 0.5 25.0 250 25.0 45.0 -65 to +175 300 500
Amps Volts A ns pF C/W C
*Maximum reverse recovery time (NOTE 1)
NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A (2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead length, P.C.B. mounted * JEDEC registered values
4/98
RATINGS AND CHARACTERISTIC CURVES 1N5615GP THRU 1N5623GP
FIG. 1 - FORWARD CURRENT DERATING CURVE AVERAGE FORWARD RECTIFIED CURRENT, AMPERES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.0
RESISTIVE OR INDUCTIVE LOAD
60
FORWARD SURGE CURRENT, AMPERES
0.75
50 40 30 20 10 0
TA=55C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method)
0.5
0.25
0.375" (9.5mm) LEAD LENGTH
0 25
50
75
100
125
150
175
AMBIENT TEMPERATURE, C
1
10
NUMBER OF CYCLES AT 60 HZ
100
FIG. 3 - TYPICAL FORWARD CHARACTERISTICS
10
INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES INSTANTANEOUS FORWARD CURRENT, AMPERES
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
20 10
TJ=125C
1
TJ=25C
PULSE WIDTH=300s 1% DUTY CYCLE
1
TJ=75C
0.1
0.1
TJ=25C
0.01 0.4
0.6
0.8
1.0
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.01
0
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 5 - TYPICAL JUNCTION CAPACITANCE
100
TRANSIENT THERMAL IMPEDANCE (C/W)
TJ=25C f=1.0 MHZ Vsig=50mVp-p
FIG. 6 - TYPICAL TRANSIENT THERMAL IMPEDANCE
100
JUNCTION CAPACITANCE, pF
10
10
1
1
0.1 0.01
0.1
1
10
100
1
10
REVERSE VOLTAGE, VOLTS
100
t, PULSE DURATION, sec


▲Up To Search▲   

 
Price & Availability of 1N5617GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X